model no. rev. ningbo foryard optoelectronics co.,ltd add: no.115 qixin road ningbo zhejiang china zip: 315051 tel: 0086-574-87933652 87927870 87922206 fax: 0086-574-87927917 e-mail: sales@foryard.com ( general) http://www.foryard.com page 1/5 fyq-5643e/fx-xx a customer approved signatures 0.56inch (14.20mm) digit height four digits display product specification model no. fyq-5643e/fx-xx descriptions & features: case mold type. easy mounting on p.c. board or socket. rohs compliant. low current operation low power consumption. checked by approved by http://www.foryard.com prepared by
model no. rev. -xx: ref surface / epoxy color 1 2 3 black gray red white red green mechanical dimensions notes: 1. all pins are 0.51[.020]mm 2. dimension in millimeter [inch], tolerance is 0. 25 [.010] and angle is 1 unless otherwise noted. 3. bending length*1%. 4.the specifications,characteristics and technical data described in the datasheet are subject to chan ge without prior notice. page 2/5 yellow epoxy color 4 green ref surface color white model no. fyq-5643e/fx-xx color number 0 water clear fyq-5643e/fx-xx a http://www.foryard.com
model no. rev. all light on segments feature & pin position internal circuit diagrams page 3/5 fyq-5643e/fx-xx a http://www.foryard.com model no. fyq-5643e/fx-xx
model no. rev. min 5 -40 -40 electrical-optical characteristics color code & chip characteristics:(test condition:i f=20ma) typ h red 90nm 2.00 s hi red 20nm 1.80 d super red 20nm 1.90 e orange 35nm 1.90 a amber 35nm 1.90 y yellow 35nm 1.90 g green 10nm 1.90 3.40 2.80 2.80 pg pure green 36nm 2.80 w white cct:9500k 2.80 uhr ultra hi red 20nm 1.90 ur ultra red 20nm 1.90 ue ultra orange 20nm 1.90 ua ultra amber algainp 20nm 1.90 2.50 uy ultra yellow algainp 20nm 1.90 2.50 ug ultra green algainp 30nm 1.90 2.50 pg ultra pure green ingan 36nm 2.80 3.80 bg ultra bluish green ingan 36nm 2.80 3.80 30nm 2.80 30nm 2.80 uw ultra white cct:9500k 2.80 note: 1.luminous intensity is based on the foryard standa rds. 2.pay attention about static for ingan page 4/5 test condition ma 260~310 60~100 50~140~190 30~60~80 reverse voltage vr ir=30 topr 2.50 unit +85 (ta=25 ) fyq-5643e/fx-xx a ma 150 max (ta=25 ) 570nm 180~200 3.80 tstr 505nm 625nm 2.50 storage temperature luminous intensity (iv) unit:mcd 635nm 590nm algainp 2.50 2.50 0.7~1(mw) 610nm 6~12(mw) 4~6(mw) 470nm 80~90~120 260~310 ultra blue ingan x=0.29,y=0.30 ingan ub 460nm 3.80 http://www.foryard.com 470nm segment-to-segment luminous intensity ratio(iv-m) 1.5:1 80~90~120 3.80 60~120 20-30 6~12(mw) 3.80 3.80 2.50 ingan x=0.29,y=0.30 algainp 640nm 30~60 blue ingan ultra brightness 430nm 3.80 60nm 3.80 460nm 520nm 4.40 ingan 590nm 610nm gap 13~18 14~18 15~20 14~20 26~38 gaasp gaasp 13~18 2.50 2.50 520nm 40~100~150 algainp 570nm 2.50 peak wave length( p ) gaasp algaas/dh 650nm b algaas/sh 660nm 700nm gap 2.50 spectral line halfwidth( 1/2) 1 emitting color 625nm max dice material 30 +85 symbol parameter value operating temperature 2.50 standard brightness forward voltage(vf) unit:v pulse current ipeak duty=0.1ms,1khz forward current if power dissipation 100 v pd mw absolute maximum ratings model no. fyq-5643e/fx-xx
model no. rev. packing diagram note: the specifications are subject to change with out notice. please contact us for updated informati on. page 5/5 model no. fyq-5643e/fx-xx http://www.foryard.com fyq-5643e/fx-xx a foryard o p t o e l e c t r o n i c s www.foryard.com foryard o p t o e l e c t r o n i c s led led led led pn:fyq-5643xx-xx qty: 2240 pcs date:xxxx/xx/xx xxxxxxxxxx rohs rohsrohs rohs attention attention attention attention part no: fyq-5643xx-xx date:xxxx/xx/xx q'ty: 140 pcs 35pcs/one foam 140pcs/4pcs foam 560pcs /4pcs bag 2240pcs/4pcs box outside label qc: qc pass foryard o p t o e l e c t r o n i c s qc: qc pass xxxxxxxxxx 56.0 36.0 3 1 . 0 54.0 17.0 1 4 . 5 rohs rohsrohs rohs gw: 18.4 kg nw: 21 kg outside label
|